Part Number Hot Search : 
V23990 SPL2F81 R6006 TFA108S 4543B AME5250 VT6508 CS9248
Product Description
Full Text Search
 

To Download EESX1025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   ee-sx198/199/1018/1025/1041/1042/1070/1071 miniature transmissive photomicrosensor with 2- to 8-mm slot width and phototransistor output  stable sensing at temperatures as high as 95 c (ee-sx1041, ee-sx1070)  compact model with a 5-mm wide slot (ee-sx1041)  model with 12-mm deep and 5-mm wide slot (ee-sx1042)  miniature model with a 2-mm wide slot (ee-sx1018)  low-profile model (5.4 mm high) with a 2.8-mm slot width (ee-sx1025) ordering information appearance sensing method slot width slot depth sensing object output configuration weight part number transmissive 2mm 4.5 mm opaque, 0.5 x 1.5 mm min. phototransistor approx. 0.2 g ee-sx1018 2.8 mm 4.4 mm ee-sx1025 3mm 7.5 mm opaque, 0.5 x 2mmmin. approx. 0.6 g ee-sx198 ee-sx199 3.4 mm 7.2 mm opaque, 0.5 x 2.1 mm min. ee-sx1071 5mm 8.2 mm opaque, 0.5 x 2.2 mm min. ee-sx1041 5mm 12 mm opaque, 0.5 x 2mmmin. approx. 0.8 g ee-sx1042 8mm 8.2 mm opaque, 0.5 x 2.2 mm min. approx. 0.6 g ee-sx1070
ee-sx198/199/1018/1025/1041/1042/1070/1071 ee-sx198/199/1018/1025/1041/1042/1070/1071 specifications  absolute maximum ratings (t a =25 c(77 f)) item symbol rated value emitter forward current i f 50 ma* reverse voltage v r 4v detector collector-emitter voltage v ceo 30 v collector current i c 20 ma collector dissipation p c 100 mw* ambient temperature operating topr -25 cto85 c (-13 f to 185 f)** storage ts t g -30 c to 100 c (-22 f to 212 f) *refer to engineering data if the ambient temperature is not within the normal room temperature range. **the operating temperature of the ee-sx1041/1070 is -25 to 95 c (-13 f to 203 f).  characteristics (t a =25 c(77 f)) item symbol ee-sx1018/1025/1041/1042/1070/ 1071 ee-sx198/199 value condition value condition emitter forward voltage v f 1.2 v typ. 1.5 v max. i f =30ma 1.2 v typ. 1.4 v max. i f =20ma reverse current i r 0.01 m atyp. 10 m amax. v r =4v 0.01 m atyp. 10 m amax. v r =4v peak emission wavelength l p(l) 940 nm typ. i f =20ma 940 nm typ. i f =20ma detector dark current i d 2natyp. 200 na max. v ce =10v0  x 2natyp. 200 na max. v ce =10v0  x peak spectral sensitivity wavelength l p(p) 850 nm typ. v ce =10v 850 nm typ. v ce =10v combination light current (collector current) i l 0.5 ma min. 14 ma max. i f =20ma v ce =10v 0.5 ma min. 14 ma max. i f =20ma v ce =5v collector-emitter saturated voltage v ce (sat) 0.1 v typ. 0.4 v max. i f =20ma i l =0.1ma 0.1 v typ. 0.4 v max. i f =40ma i l =0.5ma rising time (see note.) tr 4 m styp. v cc =5v r l = 1 0 0 w 4 m styp. v cc =5v r l = 1 0 0 w falling time (see note.) tf 4 m styp. r l = 100 w i l =5ma 4 m styp. r l = 100 w i l =5ma note: the following illustrations show the rising time, tr, and the falling time, tf. input 0 t 0 output t input v cc output r l tr 90% 10% tf r f v f + --
ee-sx198/199/1018/1025/1041/1042/1070/1071 ee-sx198/199/1018/1025/1041/1042/1070/1071 en g ineerin g data note: the operating conditions of the photomicrosensor must be within the absolute maximum rating ranges.  temperature characteristics ee-sx198/199/1018/1025/1042/1071 ambient temperature t a ( c) i f f forward current i (ma) 100 collector dissipation p c (mw) p c ee-sx1070/1041 i f ambient temperature t a ( c) f forward current i (ma) collector dissipation p c (mw) p c  input characteristics (typical) forward voltage v f (v) t a =--30 c t a =+25 c t a =+70 c f forward current i (ma)  dark current temperature dependency (typical) ambient temperature t a ( c) v ce =10v0  x dark current i d  switching characteristics (typical) t a =25 c v cc =10v r l =4.7k w r l =1k w r l = 500 w r l = 100 w light current i l (ma) switching regulator tr, tf ( m s)  i/o characteristic (typical) ee-sx1018/1025 forward current i f (ma) t a =25 c light current i (ma) l
ee-sx198/199/1018/1025/1041/1042/1070/1071 ee-sx198/199/1018/1025/1041/1042/1070/1071 ee-sx198/199 t a =25 c v ce =5v forward current i f (ma) light current i (ma) l ee-sx1041/1042/1070/1071 t a =25 c v ce =10v forward current i f (ma) light current i (ma) l  output characteristics (typical) ee-sx198/199/1041/1042/1070/1071 i f =40ma p c (max.) rated i f =30ma i f =20ma i f =10ma light current i (ma) l collector-emitter voltage v ce (v) t a =25 c ee-sx1018/1025 t a =25 c i f =50ma i f =40ma i f =30ma i f =20ma i f =10ma collector-emitter voltage v ce (v) light current i (ma) l  light current temperature dependency (typical) ee-sx198/199 i f =20ma v ce =5v i f =10ma v ce =5v ambient temperature t a ( c) light current i (ma) l ee-sx1018/1025 ambient temperature t a ( c) i f =20ma v ce =5v relative light current i (%) l
ee-sx198/199/1018/1025/1041/1042/1070/1071 ee-sx198/199/1018/1025/1041/1042/1070/1071 ee-sx1041/1042/1070/1071 i f =20ma v ce =10v i f =10ma v ce =10v ambient temperature t a ( c) light current i (ma) l  sensing position characteristics (typical) ee-sx198/199 t a =25 c i f =20ma v ce =5v distance d (mm) relative light current i (%) l d ee-sx1018 t a =25 c i f =20ma v ce =10v distance d (mm) relative light current i (%) l d ee-sx1025 t a =25 c i f =20ma v ce =10v distance d (mm) relative light current i (%) l d ee-sx1041 distance d (mm) t a =25 c i f =20ma v ce =10v relative light current i (%) l d ee-sx1042 distance d (mm) t a =25 c i f =20ma v ce =10v relative light current i (%) l d ee-sx1070/1071 distance d (mm) t a =25 c i f =20ma v ce =10v relative light current i (%) l d
ee-sx198/199/1018/1025/1041/1042/1070/1071 ee-sx198/199/1018/1025/1041/1042/1070/1071 dimensions unit: mm (inch)  ee-sx198 cross section aa cross section bb four, 0.5 four, 0.25 optical axis two, c1 9.2 12.2 3 2 6.2 four, c0.3 ba 10 2.5 2.5 2.5 ba k a c e 5 0.5 (bottom view)  ee-sx199 four, 0.3 two, 0.5 four, 0.25 cross section aa cross section bb 9.2 12.2 3 5 0.5 2 6.2 2.5 0.7 10 2.5 2.5 ba ba 8.1 2.35 k a c e optical axis two, c1 pcb mounting four, 0.7 0.1 dia. holes two, 0.8 0.1 dia. holes 2.35 0.1 2.5 0.1 4.3 0.1 8.1 0.1 9.2 0.1 (bottom view)  ee-sx1018 internal circuit (all models) 3 3 2 4 0.1 0.1 four, c0.3 a 0.5 1.4 2.5 5.8 a 4 2.5 four, 0.5 four, 0.5 6 1.5 1018 9 k a c e optical axis 1.5 a k c e terminal no. name a anode k cathode c collector e emitter optical axis (bottom view)
ee-sx198/199/1018/1025/1041/1042/1070/1071 ee-sx198/199/1018/1025/1041/1042/1070/1071  ee-sx1025 c0.4 0.2 max. 0.2 max. 4 8.9 5.4 2.8 3.7 1.4 a 1 2.5 6.7 1.2 a 2.2 3.9 0.5 1.2 k a c e optical axis white band cross section aa 1.5 4 four, 0.5 4-5 four, 0.5 (bottom view)  ee-sx1041 optical axis 0.2 max. 0.2 max. four, 0.5 four, 0.25 two, 0.7 knobs 2.54 5min. 10 7.5 6 2.5 0.2 2.35 6.6 14 9 5.2 2.2 0.5 5 k a c e (bottom view)  ee-sx1042 12 5 k a c e four, c0.3 cross section aa 5 min. 0.2 14.5 2.5 0.25 a 11.2 5 14 0.5 2 0.5 1.92 a (bottom view)
ee-sx198/199/1018/1025/1041/1042/1070/1071 ee-sx198/199/1018/1025/1041/1042/1070/1071  ee-sx1070 17.7 2-c1 10 optical axis four, 0.25 four, 0.5 two, 0.7 knobs 6 7.5 2.5 6.2 0.5 2.2 2.5 5.2 0.1 8 k a c e (bottom view) 13.8 2.35  ee-sx1071 cross section aa cross section bb 6.2 k a c e optical axis 13.6 3.4 10.2 0.2 ba ba 3 0.7 0.7 2.4 7.6 0.5 2.1 7.2 6 2.54 four, 0.25 four, 0.5 four, c0.3 (bottom view) p recaut i ons refer to the technical information section for general precautions. cat. no. eo5dax4 1/99 specifications subject to change without notice. printed in u.s.a. omron electronics, inc. oneeastcommercedrive schaumburg, il 60173 note: dimensions shown are in millimeters. to convert millimeters to inches divide by 25.4. 1-800-55-omron omron canada, inc. 885 milner avenue scarborough, ontario m1b 5v 8 416-286-6465 


▲Up To Search▲   

 
Price & Availability of EESX1025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X